PART |
Description |
Maker |
MS-7-141 MS-13-141 |
BARRIER BLK MARKER STRIP 13POS 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Connector: Terminal Blocks Connector: PL: 7: 11.13: SOL
|
Cinch Connectors Ltd
|
825433 825433-2 825433-8 4-825433-1 4-825433-4 4-8 |
AMPMODU II STIFTLEISTE EINREIHIG amp connector 2 WAY PIN STRIP 2种方式密码带 8 WAY PIN STRIP 8路密码带
|
Tyco Electronics Framatome Connectors International
|
TTSHS-2-T |
.079cl Triple Row - Standard Thicker Terminal Strip Headers
|
Major League Electronics
|
K6X4008C1F K6X4008C1F-B K6X4008C1F-BB55 K6X4008C1F |
48 RECP WIRE SPLICE BLUE PTSE CON 20 SKT (16-20) Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):6-4 RoHS Compliant: Yes 97-3102A18-1S Circular Connector; Body Material:Composite; Series:RADSOK; Number of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Connector Type:Circular; Gender:Receptacle; Wire Size (AWG):10-8 Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):10-8 RoHS Compliant: Yes 512Kx8 bit Low Power full CMOS Static RAM 512Kx8位充分的CMOS低功耗静态存储器 PTSE CON 20 SKT (16-20) 512Kx8位充分的CMOS低功耗静态存储器
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
ESP60-03S ESP75-24S ESP100-12S ESP150-05S ESP100-0 |
Switching Power Supplies .050 X .050 C.L. LOW PROFILE TERMINAL STRIP ASSEMBLY HEADER 20X2 FTS120-01-F-DV, 50MIL HDR TH 5X2 0.050=FTSH-105-01-L-D CONNECTOR, STRIP, DLB, 50 PIN, 0 50, SMT CONN HEADER 100POS DUAL .05 T/H Switching Power Supplies 开关电 MICRO TERMINAL STRIP CENTERLINE: .050" (1,27MM) 开关电 HEADER, RIGHT ANGLE 开关电 526891587 开关电 .050'' X .050
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
SETM SETK SETA SETB SETD SETE SETG SETJ |
Compliant to DIN standard, Compliant to IEC603-2/DIN41612 standard; HRS No: 583-0071-7 72; No. of Positions: 96; Connector Type: Wire; Contact Gender SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
19-09-2151 19-09-1151 |
CONNECTOR 15 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Gender:Male; Number of Contacts:15; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:3; Pitch Spacing:6.3mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
19-09-2032 |
Multipole Connector; Gender:Female; No. of Contacts:3; Series:Standard .093"; Body Material:Nylon 6/6; No. of Rows:1 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
0387007302 387007302 70502-50 |
8.26mm (.325) Pitch Beau PCB Terminal Strip, with Mounting Ends, 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0387006308 70508-C |
8.26mm (.325) Pitch Beau PCB Terminal Strip, without Mounting Ends, 8 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0387006324 387006324 |
8.26mm (.325) Pitch Beau PCB Terminal Strip, without Mounting Ends, 24 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|